PART |
Description |
Maker |
FQU5N40 FQD5N40 FQD5N40TF FQD5N40TM |
400V N-Channel QFET 400V N-Channel MOSFET 400V N-Channel MOSFET(漏源电压00V、漏电流.4A的N沟道增强型MOS场效应管) 3.4 A, 400 V, 1.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FQPF11N40C FQP11N40C |
400V N-Channel Advance QFET C-series 400V N-Channel Advanced QFET C-series
|
Fairchild Semiconductor
|
IRF340 IRF340-15 |
Repetitive Avalanche Ratings TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)0.55ohm, Id=10A) HEXFET?TRANSISTORS 400V, N-CHANNEL 400V Single N-Channel Hi-Rel MOSFET in a TO-204AA package
|
IRF[International Rectifier]
|
IRFR310B IRFU310B IRFR310BTF IRFU310BTU FR310B |
400V N-Channel MOSFET 400V N-Channel B-FET / Substitute of IRFR310 & IRFR310A 400V N-Channel B-FET / Substitute of IRFU310 & IRFU310A
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] International Rectifier
|
OD-120075-MEL OD-140075-MEL OD-240075-MEL OD-12015 |
OPTIDRIVE 400V 0.75KW OPTIDRIVE 400V 2.2KW OPTIDRIVE 400V 1.5KW OPTIDRIVE 400V 1.5千瓦 OPTIDRIVE 200V 1.5KW OPTIDRIVE 2001.5千瓦 OPTIDRIVE 400V 11.0KW OPTIDRIVE 400V 11.0KW OPTIDRIVE 400V 7.5KW OPTIDRIVE 400V 7.5千瓦 OPTIDRIVE 400V 5.5KW OPTIDRIVE 400V 5.5KW干燥 OPTIDRIVE 200V 2.2KW OPTIDRIVE 2002.2KW外型 OPTIDRIVE 200V 0.37KW OPTIDRIVE 200伏功0.37KW OPTIDRIVE 400V 4.0KW OPTIDRIVE 400V 4.0KW OPTIDRIVE 200V 0.75KW OPTIDRIVE 200伏功.75KW
|
Renesas Electronics, Corp.
|
IRF740S 6111 |
N-Channel 400V-0.48Ω-10A- D2PAK PowerMESHTM MOSFET(N沟道MOSFET) N沟道400V -0.48Ω- 10A条,采用D2PAK PowerMESHTM MOSFET的(不适用沟道MOSFET的) N-Channel 400V-0.48Ω-10A- D2PAK PowerMESHTM MOSFET(N沟道MOSFET) From old datasheet system N - CHANNEL 400V - 0.48 - 10 A -D 2 PAK PowerMESH TM MOSFET N - CHANNEL 400V - 0.48 ohm - 10 A - D2PAK PowerMESH] MOSFET N - CHANNEL 400V - 0.48 Ohm -10 A -D 2 PAK PowerMESH MOSFET
|
STMicroelectronics N.V. 意法半导 SGS Thomson Microelectronics
|
FQI6N40C FQB6N40C FQB6N40CTM FQI6N40CTU |
400V N-Channel MOSFET 400V N-Channel Advance Q-FET C-Series
|
FAIRCHILD[Fairchild Semiconductor]
|
STD4NB40 STD4NB40-1 STD4NB40T4 |
N沟道400V - 1.47ohm - 4A条的DPAK /像是iPak PowerMESH⑩MOSFET N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH⑩ MOSFET N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH MOSFET N-CHANNEL 400V 1.47 OHM 4A DPAK/IPAK POWERMESH MOSFET N-CHANNEL 400V 1.47 OHM 4A DPAK/IPAK POWERMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
APT40M75JN APT40M90JN |
POWER MOS IV 400V 56.0A 0.075 Ohm / 400V 51.0A 0.090 Ohm N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
ADPOW[Advanced Power Technology]
|
IRFP350 IRFP350PBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
|
International Rectifier
|
STP11NB40 STP11NB40FP 5322 |
N-Channel 400V-0.48惟-10.7A- TO-220/TO-220FP PowerMESHTM MOSFET(N娌??MOSFET) N - CHANNEL 400V - 0.48ohm - 10.7A - TO-220/TO-220FP PowerMESH MOSFET From old datasheet system N-Channel 400V-0.48Ω-10.7A- TO-220/TO-220FP PowerMESHTM MOSFET(N沟道MOSFET) N沟道400V -0.48Ω- 10.7A - TO-220/TO-220FP PowerMESHTM MOSFET的(不适用沟道MOSFET的)
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|